PART |
Description |
Maker |
PDTA123JEF PDTA123JE115 PDTA123JM PDTA123JK PDTA12 |
PNP resistor-equipped transistors; R1 = 2.2 k惟, R2 = 47 k惟 PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 47 kΩ 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 47 kOhm
|
NXP Semiconductors N.V.
|
PDTA123E PDTA123EE PDTA123EEF PDTA123EK PDTA123EU |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 2.2 k楼?, R2 = 2.2 k楼? PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
|
NXP Semiconductors
|
PDTA143ZEF PDTA143ZU PDTA143ZK |
PNP resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 47 kOhm PNP配电阻型晶体管;R1=4.7千欧姆,R2=47千欧 PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = 47 kΩ PNP resistor-equipped transistors; R1 = 4.7 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
PDTA143TU PDTA143T PDTA143TE PDTA143TEF PDTA143TK |
PNP resistor-equipped transistors; R1 = 4.7 kOhm, R2 = open; Package: SOT23 (TO-236AB); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors: R1 = 4.7 KOHM, R2 = open
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PUMB19 PUMD19 PEMD19 PEMH19 PUMH19 PEMB19 PEMD1911 |
NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = open NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open; Package: SOT666 (SS-Mini); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR PEMD19; PUMD19; NPN/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PDTB113ZT215 PDTB113ZT |
PNP 500 mA, 50 V resistor-equipped transistor; R1 = 1 kOhm, R2 = 10 kOhm PNP 500 mA, 50 V resistor-equipped transistors; R1 = 1 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 500 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
NXP Semiconductors N.V.
|
PUMD17 PEMD17 PEMD17-PUMD17-15 |
NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = 22 kW PEMD17; PUMD17; NPN/PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = 22 kOhm
|
NXP Semiconductors Philips Semiconductors
|
PUMB19 PEMB19 |
PEMB19; PUMB19; PNP/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open
|
Philips
|
PUMB4 PEMB4 PEMB4-PUMB4-15 |
PNP/PNP resistor-equipped transistors; R1 = 10 k楼?, R2 = open PNP/PNP resistor-equipped transistors; R1 = 10 kΩ, R2 = open
|
NXP Semiconductors
|
PDTA124EE |
PNP resistor-equipped transistor
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PDTA124EK |
PNP resistor-equipped transistor
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|